| データシートサーチシステム |
|
89TSF552 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
89TSF552 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 39 page ![]() 21 of 38 June 17, 2005 IDT 89TSF552 *Notice: The information in this document is subject to change without notice Pin Signal I/O Type E18 RPD I RPD E19 TCK I 3.3V LVTTL E20 RPU I RPU E21 DNC DNC do not connect E22 DNC DNC do not connect E23 DNC DNC do not connect E24 DNC DNC do not connect E25 DNC DNC do not connect E26 VSS P VSS E27 DNC DNC do not connect E28 DNC DNC do not connect E29 DNC DNC do not connect E30 DNC DNC do not connect E31 DNC DNC do not connect E32 DNC DNC do not connect E33 DNC DNC do not connect E34 DNC DNC do not connect E35 DNC DNC do not connect E36 VSS P VSS E37 TXN[18] O Serdes diff output E38 VSS P VSS E39 RXN[18] I Serdes diff input F1 CTX_REFCLK I 3.3V LVTTL F2 VSS P VSS F3 DNC DNC do not connect F4 DNC DNC do not connect F5 RPD I RPD F6 RPD I RPD F7 RPD I RPD F8 DNC DNC do not connect F9 DNC DNC do not connect F10 DNC DNC do not connect F11 DNC DNC do not connect F12 DNC DNC do not connect F13 DNC DNC do not connect F14 DNC DNC do not connect F15 DNC DNC do not connect F16 DNC DNC do not connect F17 DNC DNC do not connect F18 DNC DNC do not connect F19 TDI I 3.3V LVTTL F20 DNC DNC do not connect F21 DNC DNC do not connect Pin Signal I/O Type F22 DNC DNC do not connect F23 DNC DNC do not connect F24 DNC DNC do not connect F25 DNC DNC do not connect F26 DNC DNC do not connect F27 DNC DNC do not connect F28 DNC DNC do not connect F29 DNC DNC do not connect F30 DNC DNC do not connect F31 DNC DNC do not connect F32 DNC DNC do not connect F33 DNC DNC do not connect F34 DNC DNC do not connect F35 DNC DNC do not connect F36 VSS P VSS F37 TXP[18] O Serdes diff output F38 VSS P VSS F39 RXP[18] I Serdes diff input G1 VDD25 P VDD25 G2 VSS P VSS G3 PLL_CTX_RST I 3.3V LVTTL G4 PLL_CTX_LCK O 3.3V LVTTL G5 VSS P VSS G6 RPD I RPD G7 DNC DNC do not connect G8 DNC DNC do not connect G9 DNC DNC do not connect G10 DNC DNC do not connect G11 DNC DNC do not connect G12 DNC DNC do not connect G13 DNC DNC do not connect G14 DNC DNC do not connect G15 DNC DNC do not connect G16 DNC DNC do not connect G17 DNC DNC do not connect G18 DNC DNC do not connect G19 DNC DNC do not connect G20 DNC DNC do not connect G21 DNC DNC do not connect G22 DNC DNC do not connect G23 DNC DNC do not connect G24 DNC DNC do not connect G25 DNC DNC do not connect |