| データシートサーチシステム |
|
89TSF552 データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
89TSF552 データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 39 page ![]() 23 of 38 June 17, 2005 IDT 89TSF552 *Notice: The information in this document is subject to change without notice Pin Signal I/O Type J34 DNC DNC do not connect J35 DNC DNC do not connect J36 VSS P VSS J37 TXN[16] O Serdes diff output J38 VSS P VSS J39 RXN[16] I Serdes diff input K1 CTX_DATP[15] O LVDS K2 CTX_DATN[15] O LVDS K3 CTX_SOFP O LVDS K4 CTX_SOFN O LVDS K5 CTX_CTRL_DATP[1] I LVDS K6 CTX_CTRL_DATN[1] I LVDS K7 VDD25 P VDD25 K8 DNC DNC do not connect K9 DNC DNC do not connect K10 DNC DNC do not connect K11 DNC DNC do not connect K12 DNC DNC do not connect K13 DNC DNC do not connect K14 DNC DNC do not connect K15 DNC DNC do not connect K16 DNC DNC do not connect K17 DNC DNC do not connect K18 DNC DNC do not connect K19 DNC DNC do not connect K20 PLL_SYS_VDDA P 3.3V AVDD K21 DNC DNC do not connect K22 VSS_SD2_PLL P VSS K23 VSS P VSS K24 VSS P VSS K25 VSS P VSS K26 VSS P VSS K27 VSS P VSS K28 VSS P VSS K29 VSS P VSS K30 VSS P VSS K31 DNC DNC do not connect K32 DNC DNC do not connect K33 DNC DNC do not connect K34 DNC DNC do not connect K35 DNC DNC do not connect K36 VSS P VSS K37 TXP[16] O Serdes diff output Pin Signal I/O Type K38 VSS P VSS K39 RXP[16] I Serdes diff input L1 VDD25 P VDD25 L2 CTX_DATP[13] O LVDS L3 CTX_DATN[13] O LVDS L4 VSS P VSS L5 CTX_CTRL_PRTYP I LVDS L6 CTX_CTRL_PRTYN I LVDS L7 VSS P VSS L8 DNC DNC do not connect L9 DNC DNC do not connect L10 DNC DNC do not connect L11 VSS P VSS L12 VSS P VSS L13 VSS P VSS L14 VSS P VSS L15 VSS P VSS L16 VSS P VSS L17 VSS P VSS L18 VSS P VSS L19 VSS P VSS L20 VSS P VSS L21 VSS P VSS L22 DNC DNC do not connect L23 VSS P VSS L24 VSS P VSS L25 VSS P VSS L26 VSS P VSS L27 VSS P VSS L28 VSS P VSS L29 VSS P VSS L30 VSS P VSS L31 DNC DNC do not connect L32 DNC DNC do not connect L33 DNC DNC do not connect L34 DNC DNC do not connect L35 DNC DNC do not connect L36 VSS P VSS L37 TXN[15] O Serdes diff output L38 VSS P VSS L39 RXN[15] I Serdes diff input M1 CTX_DATP[10] O LVDS M2 CTX_DATN[10] O LVDS |