データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H7B0IB データシート(PDF) 46 Page - STMicroelectronics

部品番号 STM32H7B0IB
部品情報  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB データシート(HTML) 46 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 42Page - STMicroelectronics STM32H7B0IB Datasheet HTML 43Page - STMicroelectronics STM32H7B0IB Datasheet HTML 44Page - STMicroelectronics STM32H7B0IB Datasheet HTML 45Page - STMicroelectronics STM32H7B0IB Datasheet HTML 46Page - STMicroelectronics STM32H7B0IB Datasheet HTML 47Page - STMicroelectronics STM32H7B0IB Datasheet HTML 48Page - STMicroelectronics STM32H7B0IB Datasheet HTML 49Page - STMicroelectronics STM32H7B0IB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
L8
P12
-
42
65
75
PE12
I/O
FT_h2
TIM1_CH3N, DFSDM1_DATIN5,
SPI4_SCK, SAI2_SCK_B, FMC_D9/
FMC_DA9, COMP1_OUT, LCD_B4,
EVENTOUT
-
K8
P13
-
43
66
76
PE13
I/O
FT_h2
TIM1_CH3, DFSDM1_CKIN5,
SPI4_MISO, SAI2_FS_B, FMC_D10/
FMC_DA10, COMP2_OUT, LCD_DE,
EVENTOUT
-
J9
M12
-
44
67
77
PE14
I/O
FT_h2
TIM1_CH4, SPI4_MOSI, SAI2_MCK_B,
FMC_D11/FMC_DA11, LCD_CLK,
EVENTOUT
-
N9
P14
-
45
68
78
PE15
I/O
FT_h2
TIM1_BKIN, USART10_CK, FMC_D12/
FMC_DA12, TIM1_BKIN_COMP12,
LCD_R7, EVENTOUT
-
L9
N12
29
46
69
79
PB10
I/O
FT_f
TIM2_CH3, LPTIM2_IN1, I2C2_SCL,
SPI2_SCK/I2S2_CK, DFSDM1_DATIN7,
USART3_TX, OCTOSPIM_P1_NCS,
OTG_HS_ULPI_D3, LCD_G4,
EVENTOUT
-
M9
P10
-
47
70
80
PB11
I/O
FT_f
TIM2_CH4, LPTIM2_ETR, I2C2_SDA,
DFSDM1_CKIN7, USART3_RX,
OTG_HS_ULPI_D4, LCD_G5,
EVENTOUT
-
N10
R13
30
48
71
81
VCAP
S
-
-
-
-
M10
31
49
-
-
VSS
S
-
-
-
M10
R14
-
-
-
-
VDDLDO
S
-
-
-
-
-
32
50
72
82
VDD
S
-
-
-
-
P15
-
-
-
83
PH6
I/O
FT
TIM12_CH1, I2C2_SMBA, SPI5_SCK,
FMC_SDNE1, DCMI_D8/PSSI_D8,
EVENTOUT
-
-
M11
-
-
-
84
PH7
I/O
FT_f
I2C3_SCL, SPI5_MISO, FMC_SDCKE1,
DCMI_D9/PSSI_D9, EVENTOUT
-
-
N13
-
-
-
85
PH8
I/O
FT_fh2
TIM5_ETR, I2C3_SDA, FMC_D16,
DCMI_HSYNC/PSSI_DE, LCD_R2,
EVENTOUT
-
-
M14
-
-
-
86
PH9
I/O
FT_h2
TIM12_CH2, I2C3_SMBA, FMC_D17,
DCMI_D0/PSSI_D0, LCD_R3,
EVENTOUT
-
K9
N14
-
-
-
87
PH10
I/O
FT_h2
TIM5_CH1, I2C4_SMBA, FMC_D18,
DCMI_D1/PSSI_D1, LCD_R4,
EVENTOUT
-
L10
M13
-
-
-
88
PH11
I/O
FT_fh2
TIM5_CH2, I2C4_SCL, FMC_D19,
DCMI_D2/PSSI_D2, LCD_R5,
EVENTOUT
-
K10
N15
-
-
-
89
PH12
I/O
FT_fh2
TIM5_CH3, I2C4_SDA, FMC_D20,
DCMI_D3/PSSI_D3, LCD_R6,
EVENTOUT
-
L12
G10
-
-
-
90
VSS
S
-
-
-
L13
-
-
-
-
91
VDD
S
-
-
-
N12
M15
33
51
73
92
PB12
I/O
FT_h1
TIM1_BKIN, OCTOSPIM_P1_NCLK,
I2C2_SMBA, SPI2_SS/
I2S2_WS, DFSDM1_DATIN1,
USART3_CK, FDCAN2_RX,
OTG_HS_ULPI_D5, DFSDM2_DATIN1,
TIM1_BKIN_COMP12, UART5_RX,
EVENTOUT
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 46/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More