データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H7B0IB データシート(PDF) 47 Page - STMicroelectronics

部品番号 STM32H7B0IB
部品情報  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB データシート(HTML) 47 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 43Page - STMicroelectronics STM32H7B0IB Datasheet HTML 44Page - STMicroelectronics STM32H7B0IB Datasheet HTML 45Page - STMicroelectronics STM32H7B0IB Datasheet HTML 46Page - STMicroelectronics STM32H7B0IB Datasheet HTML 47Page - STMicroelectronics STM32H7B0IB Datasheet HTML 48Page - STMicroelectronics STM32H7B0IB Datasheet HTML 49Page - STMicroelectronics STM32H7B0IB Datasheet HTML 50Page - STMicroelectronics STM32H7B0IB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
L11
L15
34
52
74
93
PB13
I/O
FT_h0
TIM1_CH1N, LPTIM2_OUT,
DFSDM2_CKIN1, SPI2_SCK/I2S2_CK,
DFSDM1_CKIN1, USART3_CTS/
USART3_NSS, FDCAN2_TX,
OTG_HS_ULPI_D6, SDMMC1_D0,
DCMI_D2/PSSI_D2, UART5_TX,
EVENTOUT
-
N13
K15
35
53
75
94
PB14
I/O
FT_h0
TIM1_CH2N, TIM12_CH1, TIM8_CH2N,
USART1_TX, SPI2_MISO/I2S2_SDI,
DFSDM1_DATIN2, USART3_RTS,
UART4_RTS, SDMMC2_D0, LCD_CLK,
EVENTOUT
-
M13
K14
36
54
76
95
PB15
I/O
FT_h0
RTC_REFIN, TIM1_CH3N, TIM12_CH2,
TIM8_CH3N, USART1_RX, SPI2_MOSI/
I2S2_SDO, DFSDM1_CKIN2,
UART4_CTS, SDMMC2_D1, LCD_G7,
EVENTOUT
-
M12
L14
-
55
77
96
PD8
I/O
FT_h2
DFSDM1_CKIN3, USART3_TX,
SPDIFRX1_IN1, FMC_D13/FMC_DA13,
EVENTOUT
-
K11
K13
-
56
78
97
PD9
I/O
FT_h2
DFSDM1_DATIN3, USART3_RX,
FMC_D14/FMC_DA14, EVENTOUT
-
K12
L13
-
57
79
98
PD10
I/O
FT_h2
DFSDM1_CKOUT, DFSDM2_CKOUT,
USART3_CK, FMC_D15/FMC_DA15,
LCD_B3, EVENTOUT
-
-
H6
-
-
-
-
VSS
S
-
-
-
J10
J13
-
58
80
99
PD11
I/O
FT_h2
LPTIM2_IN2, I2C4_SMBA,
USART3_CTS/USART3_NSS,
OCTOSPIM_P1_IO0, SAI2_SD_A,
FMC_A16/FMC_CLE, EVENTOUT
-
K13
J15
-
59
81
100
PD12
I/O
FT_fh2
LPTIM1_IN1, TIM4_CH1, LPTIM2_IN1,
I2C4_SCL, USART3_RTS,
OCTOSPIM_P1_IO1, SAI2_FS_A,
FMC_A17/FMC_ALE, DCMI_D12/
PSSI_D12, EVENTOUT
-
J11
H15
-
60
82
101
PD13
I/O
FT_fh2
LPTIM1_OUT, TIM4_CH2, I2C4_SDA,
OCTOSPIM_P1_IO3, SAI2_SCK_A,
UART9_RTS, FMC_A18, DCMI_D13/
PSSI_D13, EVENTOUT
-
H12
R1
-
-
83
102
VSS
S
-
-
-
H13
-
-
-
84
103
VDD
S
-
-
-
J13
H14
-
61
85
104
PD14
I/O
FT_h2
TIM4_CH3, UART8_CTS, UART9_RX,
FMC_D0/FMC_DA0, EVENTOUT
-
J12
J12
-
62
86
105
PD15
I/O
FT_h2
TIM4_CH4, UART8_RTS, UART9_TX,
FMC_D1/FMC_DA1, EVENTOUT
-
-
D6
-
-
-
-
VSS
S
-
-
-
-
G7
-
-
-
-
VSS
S
-
-
-
H9
G15
-
-
87
106
PG2
I/O
FT_h2
TIM8_BKIN, TIM8_BKIN_COMP12,
FMC_A12, EVENTOUT
-
H10
H13
-
-
88
107
PG3
I/O
FT_h2
TIM8_BKIN2, TIM8_BKIN2_COMP12,
FMC_A13, EVENTOUT
-
C12
H10
-
-
-
-
VSS
S
-
-
-
C13
-
-
-
-
-
VDD
S
-
-
-
F8
G14
-
-
89
108
PG4
I/O
FT_h2
TIM1_BKIN2, TIM1_BKIN2_COMP12,
FMC_A14/FMC_BA0, EVENTOUT
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 47/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More