データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U595AI データシート(PDF) 170 Page - STMicroelectronics

部品番号 STM32U595AI
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI データシート(HTML) 170 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 166Page - STMicroelectronics STM32U595AI Datasheet HTML 167Page - STMicroelectronics STM32U595AI Datasheet HTML 168Page - STMicroelectronics STM32U595AI Datasheet HTML 169Page - STMicroelectronics STM32U595AI Datasheet HTML 170Page - STMicroelectronics STM32U595AI Datasheet HTML 171Page - STMicroelectronics STM32U595AI Datasheet HTML 172Page - STMicroelectronics STM32U595AI Datasheet HTML 173Page - STMicroelectronics STM32U595AI Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 377 page
background image
PE0
LCD_HSYNC
-
DCMI_D2/PSSI_D2
LPGPIO1_P13
FMC_NBL0
-
TIM16_CH1
EVENTOUT
PE1
LCD_VSYNC
-
DCMI_D3/PSSI_D3
-
FMC_NBL1
-
TIM17_CH1
EVENTOUT
PE2
LCD_R0
TSC_G7_IO1
-
LPGPIO1_P14
FMC_A23
SAI1_MCLK_A
-
EVENTOUT
PE3
LCD_R1
TSC_G7_IO2
-
LPGPIO1_P15
FMC_A19
SAI1_SD_B
-
EVENTOUT
PE4
LCD_B0
TSC_G7_IO3
DCMI_D4/PSSI_D4
-
FMC_A20
SAI1_FS_A
-
EVENTOUT
PE5
LCD_G0
TSC_G7_IO4
DCMI_D6/PSSI_D6
-
FMC_A21
SAI1_SCK_A
-
EVENTOUT
PE6
LCD_G1
-
DCMI_D7/PSSI_D7
-
FMC_A22
SAI1_SD_A
-
EVENTOUT
PE7
LCD_B6
-
-
-
FMC_D4
SAI1_SD_B
-
EVENTOUT
PE8
LCD_B7
-
-
-
FMC_D5
SAI1_SCK_B
-
EVENTOUT
PE9
LCD_G2
-
OCTOSPIM_P1_
NCLK
-
FMC_D6
SAI1_FS_B
-
EVENTOUT
PE10
LCD_G3
TSC_G5_IO1
OCTOSPIM_P1_CL
K
-
FMC_D7
SAI1_MCLK_B
-
EVENTOUT
PE11
LCD_G4
TSC_G5_IO2
OCTOSPIM_P1_
NCS
-
FMC_D8
-
-
EVENTOUT
PE12
LCD_G5
TSC_G5_IO3
OCTOSPIM_P1_IO0
-
FMC_D9
-
-
EVENTOUT
PE13
LCD_G6
TSC_G5_IO4
OCTOSPIM_P1_IO1
-
FMC_D10
-
-
EVENTOUT
PE14
LCD_G7
-
OCTOSPIM_P1_IO2
-
FMC_D11
-
-
EVENTOUT
PE15
LCD_R2
-
OCTOSPIM_P1_IO3
-
FMC_D12
-
-
EVENTOUT
Table 28. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
HSPI1/LCD/
LPUART1/
SDMMC1/
UART4/5
CAN1/TSC
CRS/DCMI/
OCTOSPIM_P1/2/
OTG_HS
DSI/FMC/
LPGPIO1/
SDMMC2/
UCPD1
COMP1/2/FMC/
SDMMC1/2/
SYS_AF
LPTIM2/4/
SAI1/2
LPTIM2/3/
TIM2/15/16/17
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More