データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U595AI データシート(PDF) 173 Page - STMicroelectronics

部品番号 STM32U595AI
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI データシート(HTML) 173 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 169Page - STMicroelectronics STM32U595AI Datasheet HTML 170Page - STMicroelectronics STM32U595AI Datasheet HTML 171Page - STMicroelectronics STM32U595AI Datasheet HTML 172Page - STMicroelectronics STM32U595AI Datasheet HTML 173Page - STMicroelectronics STM32U595AI Datasheet HTML 174Page - STMicroelectronics STM32U595AI Datasheet HTML 175Page - STMicroelectronics STM32U595AI Datasheet HTML 176Page - STMicroelectronics STM32U595AI Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 377 page
background image
PH0
-
-
-
-
-
-
-
EVENTOUT
PH1
-
-
-
-
-
-
-
EVENTOUT
PH2
-
-
-
-
-
-
-
EVENTOUT
PH3
-
-
-
-
-
-
-
EVENTOUT
PH4
-
-
PSSI_D14
-
-
-
-
EVENTOUT
PH5
-
-
DCMI_PIXCLK/PSSI
_PDCK
-
-
-
-
EVENTOUT
PH6
-
-
DCMI_D8/PSSI_D8
-
-
-
-
EVENTOUT
PH7
-
-
DCMI_D9/PSSI_D9
-
-
-
-
EVENTOUT
PH8
-
-
DCMI_HSYNC/PSSI
_DE
-
-
-
-
EVENTOUT
PH9
HSPI1_NCS
-
DCMI_D0/PSSI_D0
-
-
-
-
EVENTOUT
PH10
HSPI1_IO0
-
DCMI_D1/PSSI_D1
-
-
-
-
EVENTOUT
PH11
HSPI1_IO1
-
DCMI_D2/PSSI_D2
-
-
-
-
EVENTOUT
PH12
HSPI1_IO2
-
DCMI_D3/PSSI_D3
-
-
-
-
EVENTOUT
PH13
HSPI1_IO3
FDCAN1_TX
-
-
-
-
-
EVENTOUT
PH14
HSPI1_IO4
FDCAN1_RX
DCMI_D4/PSSI_D4
-
-
-
-
EVENTOUT
PH15
HSPI1_IO5
-
DCMI_D11/PSSI_
D11
-
-
-
-
EVENTOUT
Table 28. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
HSPI1/LCD/
LPUART1/
SDMMC1/
UART4/5
CAN1/TSC
CRS/DCMI/
OCTOSPIM_P1/2/
OTG_HS
DSI/FMC/
LPGPIO1/
SDMMC2/
UCPD1
COMP1/2/FMC/
SDMMC1/2/
SYS_AF
LPTIM2/4/
SAI1/2
LPTIM2/3/
TIM2/15/16/17
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More