| データシートサーチシステム |
|
STM8AF/P6348 データシート(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P6348 データシート(HTML) 62 Page - STMicroelectronics |
|
62 / 95 page ![]() Electrical characteristics STM8AF6366 62/95 DS12343 Rev 2 10.3.5 Memory characteristics Flash program memory/data EEPROM memory General conditions: TA = -40 to 150 °C. Table 32. Flash program memory/data EEPROM memory Symbol Parameter Conditions Min Typ Max Unit VDD Operating voltage (all modes, execution/write/erase) fCPU is 0 to 16 MHz with 0 ws 3.0 - 5.5 V VDD Operating voltage (code execution) fCPU is 0 to 16 MHz with 0 ws 2.6 - 5.5 tprog Standard programming time (including erase) for byte/word/block (1 byte/4 bytes/128 bytes) -- 6 6.6 ms Fast programming time for 1 block (128 bytes) -- 3 3.3 terase Erase time for 1 block (128 bytes) - - 3 3.3 Table 33. Flash program memory Symbol Parameter Condition Min Max Unit TWE Temperature for writing and erasing - -40 150 °C NWE Flash program memory endurance (erase/write cycles)(1) 1. The physical granularity of the memory is four bytes, so cycling is performed on four bytes even when a write/erase operation addresses a single byte. TA = 25 °C 1000 - cycles tRET Data retention time TA = 25 °C 40 - years TA = 55 °C 20 - Table 34. Data memory Symbol Parameter Condition Min Max Unit TWE Temperature for writing and erasing - -40 150 °C NWE Data memory endurance(1) (erase/write cycles) 1. The physical granularity of the memory is four bytes, so cycling is performed on four bytes even when a write/erase operation addresses a single byte. TA = 25 °C 300 k - cycles TA = -40°C to 125 °C 100 k(2) 2. More information on the relationship between data retention time and number of write/erase cycles is available in a separate technical document. - tRET Data retention time TA = 25 °C 40(2)(3) 3. Retention time for 256B of data memory after up to 1000 cycles at 125 °C. - years TA = 55 °C 20(2)(3) - |