| データシートサーチシステム |
|
STM8AF/P6348 データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P6348 データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 95 page ![]() DS12343 Rev 2 67/95 STM8AF6366 Electrical characteristics 93 10.3.7 Reset pin characteristics Subject to general operating conditions for VDD and TA unless otherwise specified. Figure 33. Typical NRST VIL and VIH vs VDD @ four temperatures Table 36. NRST pin characteristics Symbol Parameter Conditions Min Typ Max Unit VIL(NRST) NRST input low level voltage(1) 1. Guaranteed by characterization. - VSS - 0.3 x VDD V VIH(NRST) NRST input high level voltage(1) - 0.7 x VDD - VDD VOL(NRST) NRST output low level voltage(1) IOL= 3 mA - - 0.6 RPU(NRST) NRST pull-up resistor - 30 40 60 k Ω tIFP NRST input filtered pulse(1) -85 - 315 ns tINFP(NRST) NRST Input not filtered pulse duration(2) 2. Guaranteed by design. -500 - - 0 1 2 3 4 5 6 2.5 3 3.5 4 4.5 5 5.5 6 V DD [V] -40°C 25°C 85°C 125°C |