| データシートサーチシステム |
|
STM32C011F6U6 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32C011F6U6 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 94 page ![]() Pinouts, pin description and alternate functions STM32C011x4/x6 28/94 DS13866 Rev 3 Figure 5. STM32C011FxP TSSOP20 pinout Figure 6. STM32C011FxU UFQFPN20 pinout 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 PB7 VDD/VDDA PA1 PF2-NRST PB6 PA13 PA5 PA6 PA7 PA8 12 11 9 10 PA3 PA14-BOOT0 VSS/VSSA PA4 PC14-OSCX_IN PC15-OSCX_OUT PA11[PA9] PA12[PA10] PA0 PA2 Top view PC15-OSCX_OUT VDD/VDDA VSS/VSSA PF2-NRST PA12 [PA10] PA11 [PA9] PA8 PA7 PA6 Top view UFQFPN20 1 2 3 4 5 15 14 13 12 11 PA0 Table 11. Terms and symbols used in Table 12 Column Symbol Definition Pin name Terminal name corresponds to its by-default function at reset, unless otherwise specified in parenthesis under the pin name. Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O RST Bidirectional reset pin with embedded weak pull-up resistor Options for FT I/Os _f I/O, Fm+ capable _a I/O, with analog switch function |