| データシートサーチシステム |
|
STM32C011F6U6 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32C011F6U6 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 94 page ![]() Pinouts, pin description and alternate functions STM32C011x4/x6 30/94 DS13866 Rev 3 -F1 12 10 PA5 I/O FT - SPI1_SCK/I2S1_CK, USART2_RX, TIM1_CH3N, TIM1_CH1, EVENTOUT ADC_IN5 -F1 13 11 PA6 I/O FT - SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1 ADC_IN6 -E2 14 12 PA7 I/O FT - SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM1_CH1N, TIM14_CH1, TIM17_CH1 ADC_IN7 5D1 15 13 PA8 I/O FT - MCO, USART2_TX, TIM1_CH1, EVENTOUT, SPI1_NSS/I2S1_WS, TIM1_CH2N, TIM1_CH3N, TIM3_CH3, TIM3_CH4, TIM14_CH1, USART1_RX, MCO2 ADC_IN8 -- - - PA9 I/O FT (1) MCO, USART1_TX, TIM1_CH2, TIM3_ETR, I2C1_SCL, EVENTOUT - -- - - PA10 I/O FT (1) USART1_RX, TIM1_CH3, MCO2, TIM17_BKIN, I2C1_SDA, EVENTOUT - 5D1 16 14 PA11 [PA9] I/O FT (1) SPI1_MISO/I2S1_MCK, USART1_CTS, TIM1_CH4, TIM1_BKIN2 ADC_IN11 6 E2 17 15 PA12 [PA10] I/O FT (1) SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, I2S_CKIN ADC_IN12 7B1 18 16 PA13 I/O FT (2) SWDIO, IR_OUT, TIM3_ETR, USART2_RX, EVENTOUT ADC_IN13 8 C2 19 17 PA14-BOOT0 I/O FT (2) SWCLK, USART2_TX, EVENTOUT, SPI1_NSS/I2S1_WS, USART2_RX, TIM1_CH1, MCO2, USART1_RTS_DE_CK ADC_IN14, BOOT0 Table 12. Pin assignment and description (continued) Pin Pin name (function upon reset) Alternate functions Additional functions |