データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32C011F6P7 データシート(PDF) 28 Page - STMicroelectronics

部品番号 STM32C011F6P7
部品情報  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P7 データシート(HTML) 28 Page - STMicroelectronics

Back Button STM32C011F6P7 Datasheet HTML 24Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 25Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 26Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 27Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 28Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 29Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 30Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 31Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
Pinouts, pin description and alternate functions
STM32C011x4/x6
28/94
DS13866 Rev 3
Figure 5. STM32C011FxP TSSOP20 pinout
Figure 6. STM32C011FxU UFQFPN20 pinout
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
PB7
VDD/VDDA
PA1
PF2-NRST
PB6
PA13
PA5
PA6
PA7
PA8
12
11
9
10
PA3
PA14-BOOT0
VSS/VSSA
PA4
PC14-OSCX_IN
PC15-OSCX_OUT
PA11[PA9]
PA12[PA10]
PA0
PA2
Top view
PC15-OSCX_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA12 [PA10]
PA11 [PA9]
PA8
PA7
PA6
Top view
UFQFPN20
1
2
3
4
5
15
14
13
12
11
PA0
Table 11. Terms and symbols used in Table 12
Column
Symbol
Definition
Pin name
Terminal name corresponds to its by-default function at reset, unless otherwise specified in
parenthesis under the pin name.
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Options for FT I/Os
_f
I/O, Fm+ capable
_a
I/O, with analog switch function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94