| データシートサーチシステム |
|
STM32C011F6P7 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32C011F6P7 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 94 page ![]() DS13866 Rev 3 31/94 STM32C011x4/x6 Pinouts, pin description and alternate functions 31 8A2 20 18 PB6 I/O FT - USART1_TX, TIM1_CH3, TIM16_CH1N, TIM3_CH3, USART1_RTS_DE_CK, USART1_CTS, I2C1_SCL, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI1_MISO/I2S1_MCK, SPI1_SCK/I2S1_CK, TIM1_CH2, TIM3_CH1, TIM3_CH2, TIM16_BKIN, TIM17_BKIN WKUP3 1D3 1 19 PB7 I/O FT - USART1_RX, TIM1_CH4, TIM17_CH1N, TIM3_CH4, I2C1_SDA, EVENTOUT, USART2_CTS, TIM16_CH1, TIM3_CH1, I2C1_SCL RTC_REFIN 1. Pins PA9 and PA10 can be remapped in place of pins PA11 and PA12 (default mapping), using SYSCFG_CFGR1 register. 2. Upon reset, these pins are configured as SWD alternate functions, and the internal pull-up on PA13 pin and the internal pull-down on PA14 pin are activated. Table 12. Pin assignment and description (continued) Pin Pin name (function upon reset) Alternate functions Additional functions |