データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0C1NET3XTR データシート(PDF) 37 Page - STMicroelectronics

部品番号 STM32G0C1NET3XTR
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3XTR データシート(HTML) 37 Page - STMicroelectronics

Back Button STM32G0C1NET3XTR Datasheet HTML 33Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 34Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 35Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 36Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 37Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 38Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 39Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 40Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 159 page
background image
DS13564 Rev 4
37/159
STM32G0C1xC/xE
Pinouts, pin description and alternate functions
56
4
Pinouts, pin description and alternate functions
The devices housed in 32-pin, 48-pin, and 64-pin packages come in two variants - “GP” and
“N” (the latter with ordering code having N behind the temperature range digit). Refer to
Table 2: Features and peripheral counts for differences.
Figure 3. STM32G0C1VxT LQFP100 pinout
1. The I/O pins supplied by VDDIO2 are shown in gray.
Top view
LQFP100
1
2
3
4
5
6
7
8
9
10
11
12
54
53
52
51
62
61
60
59
58
57
56
55
13
14
15
16
66
65
64
63
17
18
19
20
21
22
23
24
25
71
70
69
68
67
75
74
73
72
VDDIO2
VSS
PF8
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PA15
PD9
PD8
PC7
PC6
PD15
PD14
PD13
PD12
PB15
PB14
PB13
PB12
PB9
PC10
PC11
PE4
PE5
VBAT
PC14-OSC32_IN
PC15-OSC32_OUT
PA8
PF0-OSC_IN
PF2-NRST
PF3
PF4
PF5
PC0
PC2
VSS/VSSA
PC1
VDD/VDDA
PA0
PC13
PF1-OSC_OUT
PC12
PE6
VREF+
PC3
PA9
PD11
PD10
PA14-BOOT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More