| データシートサーチシステム |
|
DFE252012F-R47M データシート(PDF) 105 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M データシート(HTML) 105 Page - Analog Devices |
|
105 / 122 page ![]() ADC_INT1 (0x80) BIT 7 6 5 4 3 2 1 0 Field ADC_CH8_I ADC_CH7_I ADC_CH6_I ADC_CH5_I ADC_CH4_I ADC_CH3_I ADC_CH2_I ADC_CH1_I Reset 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 Access Type Read Clears All Read Clears All Read Clears All Read Clears All Read Clears All Read Clears All Read Clears All Read Clears All BITFIELD BITS TYPE DESCRIPTION DECODE ADC_CH8_I 7 O ADC Channel8 Interrupt 0x0 = ADC Channel8 data has not updated. 0x1 = ADC Channel8 data has updated. ADC_CH7_I 6 O ADC Channel7 Interrupt 0x0 = ADC Channel7 data has not updated. 0x1 = ADC Channel7 data has updated. ADC_CH6_I 5 O ADC Channel6 Interrupt 0x0 = ADC Channel6 data has not updated. 0x1 = ADC Channel6 data has updated. ADC_CH5_I 4 O ADC Channel5 Interrupt 0x0 = ADC Channel5 data has not updated. 0x1 = ADC Channel5 data has updated. ADC_CH4_I 3 O ADC Channel4 Interrupt 0x0 = ADC Channel4 data has not updated. 0x1 = ADC Channel4 data has updated. ADC_CH3_I 2 O ADC Channel3 Interrupt 0x0 = ADC Channel3 data has not updated. 0x1 = ADC Channel3 data has updated. ADC_CH2_I 1 O ADC Channel2 Interrupt 0x0 = ADC Channel2 data has not updated. 0x1 = ADC Channel2 data has updated. ADC_CH1_I 0 O ADC Channel1 Interrupt 0x0 = ADC Channel1 data has not updated. 0x1 = ADC Channel1 data has updated. ADC_INT2 (0x81) BIT 7 6 5 4 3 2 1 0 Field RESERVED[2:0] – – ADC_CH11 _I ADC_CH10 _I ADC_CH9_I Reset 0x0 – – 0x0 0x0 0x0 Access Type Read Clears All – – Read Clears All Read Clears All Read Clears All BITFIELD BITS TYPE DESCRIPTION DECODE RESERVED 7:5 O Reserved. Returns 0. ADC_CH11 _I 2 O ADC Channel11 Interrupt 0x0 = ADC Channel11 data has not updated. 0x1 = ADC Channel11 data has updated. ADC_CH10 _I 1 O ADC Channel10 Interrupt 0x0 = ADC Channel10 data has not updated. 0x1 = ADC Channel10 data has updated. MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 105 |