データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFE252012F-R47M データシート(PDF) 107 Page - Analog Devices

部品番号 DFE252012F-R47M
部品情報  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M データシート(HTML) 107 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 103Page - Analog Devices DFE252012F-R47M Datasheet HTML 104Page - Analog Devices DFE252012F-R47M Datasheet HTML 105Page - Analog Devices DFE252012F-R47M Datasheet HTML 106Page - Analog Devices DFE252012F-R47M Datasheet HTML 107Page - Analog Devices DFE252012F-R47M Datasheet HTML 108Page - Analog Devices DFE252012F-R47M Datasheet HTML 109Page - Analog Devices DFE252012F-R47M Datasheet HTML 110Page - Analog Devices DFE252012F-R47M Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 122 page
background image
ADC_STAT (0x84)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[3:0]
CH4_IMON
_OK
CH3_IMON
_OK
CH2_IMON
_OK
CH1_IMON
_OK
Reset
0x0
0x0
0x0
0x0
0x0
Access
Type
Read Only
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:4
O
Reserved. Returns 0.
CH4_IMON
_OK
3
O
ADC Channel4 Current Monitor Status
0x0 = ADC Channel4 current monitor data
is not valid.
0x1 = ADC Channel4 current monitior data
is valid.
CH3_IMON
_OK
2
O
ADC Channel3 Current Monitor Status
0x0 = ADC Channel3 current monitor data
is not valid.
0x1 = ADC Channel3 current monitior data
is valid.
CH2_IMON
_OK
1
O
ADC Channel2 Current Monitor Status
0x0 = ADC Channel2 current monitor data
is not valid.
0x1 = ADC Channel2 current monitior data
is valid.
CH1_IMON
_OK
0
O
ADC Channel1 Current Monitor Status
0x0 = ADC Channel1 current monitor data
is not valid.
0x1 = ADC Channel1 current monitior data
is valid.
ADC_DATA_CH1 (0x85)
BIT
7
6
5
4
3
2
1
0
Field
ADC_DATA1[7:0]
Reset
0x0
Access
Type
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
ADC_DATA
1
7:0
O
ADC Channel1 (IOUT1) Data Readback
0x0–0xFF = (-6.69 + 0.0625 x
ADC_DATA1)A.
ADC_DATA_CH2 (0x86)
BIT
7
6
5
4
3
2
1
0
Field
ADC_DATA2[7:0]
Reset
0x0
Access
Type
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
ADC_DATA
2
7:0
O
ADC Channel2 (IOUT2) Data Readback
0x0–0xFF = (-6.69 + 0.0625 x
ADC_DATA2)A.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More