| データシートサーチシステム |
|
DFE252012F-R47M データシート(PDF) 109 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M データシート(HTML) 109 Page - Analog Devices |
|
109 / 122 page ![]() BITFIELD BITS TYPE DESCRIPTION DECODE ADC_DATA 6 7:0 O ADC Channel6 (VOUT2) Data Readback When M2_RNG = 0x0, 0x0–0xFF = (0.00625 x ADC_DATA6)V. When M2_RNG = 0x1, 0x0–0xFF = (0.0125 x ADC_DATA6)V. When M2_RNG = 0x2, 0x0–0xFF = (0.025 x ADC_DATA6)V. ADC_DATA_CH7 (0x8B) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA7[7:0] Reset 0x0 Access Type Read Only BITFIELD BITS TYPE DESCRIPTION DECODE ADC_DATA 7 7:0 O ADC Channel7 (VOUT3) Data Readback When M3_RNG = 0x0, 0x0–0xFF = (0.00625 x ADC_DATA7)V. When M3_RNG = 0x1, 0x0–0xFF = (0.0125 x ADC_DATA7)V. When M3_RNG = 0x2, 0x0–0xFF = (0.025 x ADC_DATA7)V. ADC_DATA_CH8 (0x8C) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA8[7:0] Reset 0x0 Access Type Read Only BITFIELD BITS TYPE DESCRIPTION DECODE ADC_DATA 8 7:0 O ADC Channel8 (VOUT4) Data Readback When M4_RNG = 0x0, 0x0–0xFF = (0.00625 x ADC_DATA8)V. When M4_RNG = 0x1, 0x0–0xFF = (0.0125 x ADC_DATA8)V. When M4_RNG = 0x2, 0x0–0xFF = (0.025 x ADC_DATA8)V. ADC_DATA_CH9 (0x8D) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA9[7:0] Reset 0x0 Access Type Read Only MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 109 |