データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFE252012F-R47M データシート(PDF) 110 Page - Analog Devices

部品番号 DFE252012F-R47M
部品情報  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M データシート(HTML) 110 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 106Page - Analog Devices DFE252012F-R47M Datasheet HTML 107Page - Analog Devices DFE252012F-R47M Datasheet HTML 108Page - Analog Devices DFE252012F-R47M Datasheet HTML 109Page - Analog Devices DFE252012F-R47M Datasheet HTML 110Page - Analog Devices DFE252012F-R47M Datasheet HTML 111Page - Analog Devices DFE252012F-R47M Datasheet HTML 112Page - Analog Devices DFE252012F-R47M Datasheet HTML 113Page - Analog Devices DFE252012F-R47M Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
ADC_DATA
9
7:0
O
ADC Channel9 (VSYS) Data Readback
When SYS_RNG = 0x0,
0x0–0xFF = (0.025 x ADC_DATA9)V.
When SYS_RNG = 0x1,
0x0–0xFF = (0.075 x ADC_DATA9)V.
ADC_DATA_CH10 (0x8E)
BIT
7
6
5
4
3
2
1
0
Field
ADC_DATA10[7:0]
Reset
0x0
Access
Type
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
ADC_DATA
10
7:0
O
ADC Channel10 (Junction Temperature)
Data Readback
0x0–0xFF = (-273 + 1.725 x
ADC_DATA10)°C.
ADC_DATA_CH11 (0x8F)
BIT
7
6
5
4
3
2
1
0
Field
ADC_DATA11[7:0]
Reset
0x0
Access
Type
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
ADC_DATA
11
7:0
O
ADC Channel11 (VMFIO) Data Readback
0x0–0xFF = (0.0046875 x
ADC_DATA11)V.
ADC_CFG1 (0x92)
BIT
7
6
5
4
3
2
1
0
Field
CH8_EN
CH7_EN
CH6_EN
CH5_EN
CH4_EN
CH3_EN
CH2_EN
CH1_EN
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
CH8_EN
7
O
ADC Channel8 Data Readback Control
0x0 = Disable.
0x1 = Enable.
CH7_EN
6
O
ADC Channel7 Data Readback Control
0x0 = Disable.
0x1 = Enable.
CH6_EN
5
O
ADC Channel6 Data Readback Control
0x0 = Disable.
0x1 = Enable.
CH5_EN
4
O
ADC Channel5 Data Readback Control
0x0 = Disable.
0x1 = Enable.
CH4_EN
3
O
ADC Channel4 Data Readback Control
0x0 = Disable.
0x1 = Enable.
CH3_EN
2
O
ADC Channel3 Data Readback Control
0x0 = Disable.
0x1 = Enable.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More