データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STWBC2-HP データシート(PDF) 3 Page - STMicroelectronics

部品番号 STWBC2-HP
部品情報  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP データシート(HTML) 3 Page - STMicroelectronics

  STWBC2-HP Datasheet HTML 1Page - STMicroelectronics STWBC2-HP Datasheet HTML 2Page - STMicroelectronics STWBC2-HP Datasheet HTML 3Page - STMicroelectronics STWBC2-HP Datasheet HTML 4Page - STMicroelectronics STWBC2-HP Datasheet HTML 5Page - STMicroelectronics STWBC2-HP Datasheet HTML 6Page - STMicroelectronics STWBC2-HP Datasheet HTML 7Page - STMicroelectronics STWBC2-HP Datasheet HTML 8Page - STMicroelectronics STWBC2-HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
1
Block diagrams
1.1
STWBC2-HP architecture
The following image illustrates the overall system blocks implemented in the STWBC2-HP architecture.
The STWBC2-HP is a system-in-package combining an STM32G071 MCU die with a Wireless Power specific die
which integrates several application-specific functions.
The STWBC2-HP supports both half-bridge and full-bridge coil driver topologies, together with a digital DC-DC
controller, which regulates the input voltage of the bridge in order to control the amount of power transmitted to
the receiver.
The digital controller also regulates the inverter operating frequency and duty cycle to further adjust the amount of
power increasing the overall efficiency at light load.
It implements the WPC Qi protocol, including Foreign Object Detection (FOD) extensions. An accurate Q-factor
measurement provides enhanced FOD.
The STWBC2-HP is able to manage both WPC Baseline Power Profile (up to 5 W) and Extended Power Profile
(EPP).
Figure 1. STWBC2-HP device architecture
STWBC2-HP
Block diagrams
DS13825 - Rev 1.0
page 3/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96