データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EN84C3RMSBY データシート(PDF) 11 Page - STMicroelectronics

部品番号 SPC58EN84C3RMSBY
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EN84C3RMSBY データシート(HTML) 11 Page - STMicroelectronics

Back Button SPC58EN84C3RMSBY Datasheet HTML 7Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 8Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 9Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 10Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 11Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 12Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 13Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 14Page - STMicroelectronics SPC58EN84C3RMSBY Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
DS11734 Rev 6
11/158
SPC584Nx, SPC58ENx, SPC58NNx
Introduction
12
1.5
Features
On-chip modules within SPC58xNx include the following features:
•
Three enhanced main CPUs, dual issue, 32-bit CPU core complexes (e200z4256n3),
two of them having a checker core in lock-step.
–
Power Architecture embedded specification compliance
–
Instruction set enhancement allowing variable length encoding (VLE), encoding a
mix of 16-bit and 32-bit instructions, for code size footprint reduction
–
Single-precision floating point operations
–
Lightweight signal processing auxiliary processing unit (LSP APU) instruction
support for digital signal processing (DSP on Core_2)
–
32 KB Local instruction RAM and 128 KB local data RAM for Core_0, Core_1 and
Core_2
–
16 KB I-Cache and 8 KB D-Cache for Core_0, Core_1 and Core_2
•
6582 KB on-chip Flash
–
Supports read during program and erase operations, and multiple blocks allowing
EEPROM emulation
–
Supports read while read between the two code Flash partitions.
•
128 KB on-chip general-purpose SRAM (+ 384 KB data RAM included in the CPUs)
•
Multi channel direct memory access controllers (eDMA paired in lock-step)
–
One eDMA with 64 channels
–
One eDMA with 32 channels
•
One interrupt controller (INTC) in lock-step
•
Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for computational shell
•
Dual crossbar switch architecture for concurrent access to peripherals, Flash, or RAM
from multiple bus masters with end-to-end ECC
•
Hardware security module (HSM) to provide robust integrity checking of Flash memory
•
System integration unit lite (SIUL)
•
Boot assist Flash (BAF) supports factory programming using a serial bootload through
the asynchronous CAN or LIN/UART.
•
GTM344 - generic timer module
–
Intelligent complex timer module
–
144 channels (48 input and 96 output)
–
5 programmable fine grain multi-threaded cores
–
61 KB of dedicated RAM
–
24-bit wide channels
–
Hardware support for engine control, motor control and safety related applications
•
Enhanced analog-to-digital converter system with
–
One supervisor 12-bit SAR analog converter
–
Four separate fast 12-bit SAR analog converters
–
Two separate 10-bit SAR analog converters
–
Six separate 16-bit Sigma-Delta analog converters
•
Eight deserial serial peripheral interface (DSPI) modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com