データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP56321T/D データシート(PDF) 39 Page - NXP Semiconductors

部品番号 DSP56321T/D
部品情報  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D データシート(HTML) 39 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 35Page - NXP Semiconductors DSP56321T/D Datasheet HTML 36Page - NXP Semiconductors DSP56321T/D Datasheet HTML 37Page - NXP Semiconductors DSP56321T/D Datasheet HTML 38Page - NXP Semiconductors DSP56321T/D Datasheet HTML 39Page - NXP Semiconductors DSP56321T/D Datasheet HTML 40Page - NXP Semiconductors DSP56321T/D Datasheet HTML 41Page - NXP Semiconductors DSP56321T/D Datasheet HTML 42Page - NXP Semiconductors DSP56321T/D Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
2-15
AC Electrical Characteristics
The asynchronous bus arbitration is enabled by internal synchronization circuits on BG and BB inputs.
These synchronization circuits add delay from the external signal until it is exposed to internal logic. As a
result of this delay, a DSP56300 part may assume mastership and assert BB, for some time after BG is
deasserted. This is the reason for timing 250.
Once BB is asserted, there is a synchronization delay from BB assertion to the time this assertion is
exposed to other DSP56300 components that are potential masters on the same bus. If BG input is
asserted before that time, and BG is asserted and BB is deasserted, another DSP56300 component may
assume mastership at the same time. Therefore, some non-overlap period between one BG input active to
another BG input active is required. Timing 251 ensures that overlaps are avoided.
Figure 2-12. Asynchronous Bus Arbitration Timing
BG1
BB
251
BG2
250
250+251
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88