データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP56321T/D データシート(PDF) 60 Page - NXP Semiconductors

部品番号 DSP56321T/D
部品情報  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D データシート(HTML) 60 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 56Page - NXP Semiconductors DSP56321T/D Datasheet HTML 57Page - NXP Semiconductors DSP56321T/D Datasheet HTML 58Page - NXP Semiconductors DSP56321T/D Datasheet HTML 59Page - NXP Semiconductors DSP56321T/D Datasheet HTML 60Page - NXP Semiconductors DSP56321T/D Datasheet HTML 61Page - NXP Semiconductors DSP56321T/D Datasheet HTML 62Page - NXP Semiconductors DSP56321T/D Datasheet HTML 63Page - NXP Semiconductors DSP56321T/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
3-4
FC-PBGA Package Description
Table 3-1. Signal List by Ball Number
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
A1
Not Connected (NC),
reserved
B12
D8
D9
GND
A2
SC11 or PD1
B13
D5
D10
GND
A3
TMS
B14
NC
D11
GND
A4
TDO
C1
SC02 or PC2
D12
D1
A5
MODB/IRQB
C2
STD1 or PD5
D13
D2
A6
D23
C3
TCK
D14
VCCD
A7
VCCD
C4
MODA/IRQA
E1
STD0 or PC5
A8
D19
C5
MODC/IRQC
E2
VCCS
A9
D16
C6
D22
E3
SRD0 or PC4
A10
D14
C7
VCCQL
E4
GND
A11
D11
C8
D18
E5
GND
A12
D9
C9
VCCD
E6
GND
A13
D7
C10
D12
E7
GND
A14
NC
C11
VCCD
E8
GND
B1
SRD1 or PD4
C12
D6
E9
GND
B2
SC12 or PD2
C13
D3
E10
GND
B3
TDI
C14
D4
E11
GND
B4
TRST
D1
PINIT/NMI
E12
A17
B5
MODD/IRQD
D2
SC01 or PC1
E13
A16
B6
D21
D3
DE
E14
D0
B7
D20
D4
GND
F1
RXD or PE0
B8
D17
D5
GND
F2
SC10 or PD0
B9
D15
D6
GND
F3
SC00 or PC0
B10
D13
D7
GND
F4
GND
B11
D10
D8
GND
F5
GND
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88