| データシートサーチシステム |
|
FS6407 データシート(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6407 データシート(HTML) 69 Page - NXP Semiconductors |
|
69 / 111 page ![]() NXP Semiconductors 69 FS6407/FS6408 7.3.5 INIT IO_WU2 WU_2_1:0 Description Wake-up configuration for IO_2 00 NO wake-up capability 01 Wake-up on rising edge only 10 Wake-up on falling edge only 11 Wake-up on any edge Reset condition Power On Reset INT_inh_IO_1 Description Inhibit the INT pulse for IO_1. IO_1 masked in IO_G. Avoid INT when used in FS 0 INT NOT masked 1INT masked Reset condition Power On Reset INT_inh_IO_0 Description Inhibit the INT pulse for IO_0. IO_0 masked in IO_G. Avoid INT when used in FS 0 INT NOT masked 1INT masked Reset condition Power On Reset Table 25. INIT IO_WU2 register description Write bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 1 0 0 0 1 0 1 P WU_3_1 WU_3_0 WU_4_1 WU_4_0 WU_5_1 WU_5_0 INT_inh _IO_23 INT_inh _IO_45 MISO SPI_G WU CAN_G Reserved IO_G Vpre_G Vcore_ G Vothers _G WU_3_1 WU_3_0 WU_4_1 WU_4_0 WU_5_1 WU_5_0 INT_inh _IO_23 INT_inh _IO_45 Read bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 MISO SPI_G WU CAN_G Reserved IO_G Vpre_G Vcore_ G Vothers _G WU_3_1 WU_3_0 WU_4_1 WU_4_0 WU_5_1 WU_5_0 INT_inh _IO_23 INT_inh _IO_45 Table 26. INIT IO_WU2. Description and configuration of the bits (default value in bold) WU_3_1:0 Description Wake-up configuration for IO_3 00 NO wake-up capability 01 Wake-up on rising edge only 10 Wake-up on falling edge only 11 Wake-up on any edge Reset condition Power On Reset Table 24. INIT IO_WU1. Description and configuration of the bits (default value in bold) (continued) |