| データシートサーチシステム |
|
P89C51RB2BA データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C51RB2BA データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 52 page ![]() Philips Semiconductors Preliminary specification 89C51RB2/89C51RC2/ 89C51RD2 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 1999 Sep 23 25 CCAPMn Address CCAPM0 0C2H CCAPM1 0C3H CCAPM2 0C4H CCAPM3 0C5H CCAPM4 0C6H Reset Value = X000 0000B – ECOMn CAPPn CAPNn MATn TOGn PWMn ECCFn Not Bit Addressable Bit: Symbol Function – Not implemented, reserved for future use*. ECOMn Enable Comparator. ECOMn = 1 enables the comparator function. CAPPn Capture Positive, CAPPn = 1 enables positive edge capture. CAPNn Capture Negative, CAPNn = 1 enables negative edge capture. MATn Match. When MATn = 1, a match of the PCA counter with this module’s compare/capture register causes the CCFn bit in CCON to be set, flagging an interrupt. TOGn Toggle. When TOGn = 1, a match of the PCA counter with this module’s compare/capture register causes the CEXn pin to toggle. PWMn Pulse Width Modulation Mode. PWMn = 1 enables the CEXn pin to be used as a pulse width modulated output. ECCFn Enable CCF interrupt. Enables compare/capture flag CCFn in the CCON register to generate an interrupt. NOTE: *User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate. SU01100 7654 321 0 Figure 19. CCAPMn: PCA Modules Compare/Capture Registers – ECOMn CAPPn CAPNn MATn TOGn PWMn ECCFn MODULE FUNCTION X 0 0 0 0 0 0 0 No operation X X 1 0 0 0 0 X 16-bit capture by a positive-edge trigger on CEXn X X 0 1 0 0 0 X 16-bit capture by a negative trigger on CEXn X X 1 1 0 0 0 X 16-bit capture by a transition on CEXn X 1 0 0 1 0 0 X 16-bit Software Timer X 1 0 0 1 1 0 X 16-bit High Speed Output X 1 0 0 0 0 1 0 8-bit PWM X 1 0 0 1 X 0 X Watchdog Timer Figure 20. PCA Module Modes (CCAPMn Register) PCA Capture Mode To use one of the PCA modules in the capture mode either one or both of the CCAPM bits CAPN and CAPP for that module must be set. The external CEX input for the module (on port 1) is sampled for a transition. When a valid transition occurs the PCA hardware loads the value of the PCA counter registers (CH and CL) into the module’s capture registers (CCAPnL and CCAPnH). If the CCFn bit for the module in the CCON SFR and the ECCFn bit in the CCAPMn SFR are set then an interrupt will be generated. Refer to Figure 21. 16-bit Software Timer Mode The PCA modules can be used as software timers by setting both the ECOM and MAT bits in the modules CCAPMn register. The PCA timer will be compared to the module’s capture registers and when a match occurs an interrupt will occur if the CCFn (CCON SFR) and the ECCFn (CCAPMn SFR) bits for the module are both set (see Figure 22). High Speed Output Mode In this mode the CEX output (on port 1) associated with the PCA module will toggle each time a match occurs between the PCA counter and the module’s capture registers. To activate this mode the TOG, MAT, and ECOM bits in the module’s CCAPMn SFR must be set (see Figure 23). Pulse Width Modulator Mode All of the PCA modules can be used as PWM outputs. Figure 24 shows the PWM function. The frequency of the output depends on the source for the PCA timer. All of the modules will have the same frequency of output because they all share the PCA timer. The duty cycle of each module is independently variable using the module’s capture register CCAPLn. When the value of the PCA CL SFR is less than the value in the module’s CCAPLn SFR the output will be low, when it is equal to or greater than the output will be high. When CL overflows from FF to 00, CCAPLn is reloaded with the value in CCAPHn. the allows updating the PWM without glitches. The PWM and ECOM bits in the module’s CCAPMn register must be set to enable the PWM mode. |