| データシートサーチシステム |
|
P89C51RB2BA データシート(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C51RB2BA データシート(HTML) 29 Page - NXP Semiconductors |
|
29 / 52 page ![]() Philips Semiconductors Preliminary specification 89C51RB2/89C51RC2/ 89C51RD2 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 1999 Sep 23 29 INIT_WATCHDOG: MOV CCAPM4, #4CH ; Module 4 in compare mode MOV CCAP4L, #0FFH ; Write to low byte first MOV CCAP4H, #0FFH ; Before PCA timer counts up to ; FFFF Hex, these compare values ; must be changed ORL CMOD, #40H ; Set the WDTE bit to enable the ; watchdog timer without changing ; the other bits in CMOD ; ;******************************************************************** ; ; Main program goes here, but CALL WATCHDOG periodically. ; ;******************************************************************** ; WATCHDOG: CLR EA ; Hold off interrupts MOV CCAP4L, #00 ; Next compare value is within MOV CCAP4H, CH ; 255 counts of the current PCA SETB EA ; timer value RET Figure 26. PCA Watchdog Timer Initialization Code |