データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC80C51BCYA44 データシート(PDF) 14 Page - NXP Semiconductors

部品番号 SC80C51BCYA44
部品情報  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC80C51BCYA44 データシート(HTML) 14 Page - NXP Semiconductors

Back Button SC80C51BCYA44 Datasheet HTML 10Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 11Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 12Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 13Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 14Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 15Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 16Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 17Page - NXP Semiconductors SC80C51BCYA44 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
14
AC ELECTRICAL CHARACTERISTICS FOR PHILIPS DEVICES
Tamb = 0°C to +70°C, VCC = 5V ±20%, VSS = 0V (PCB80C31/51, PCF80C31/51)1, 2, 4, 5
VARIABLE CLOCK3
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency:
Speed Versions
PCB8031/51
–2
PCA/PCB/PCF80C31/51
–3
PCB/PCF80C31/51
–4
PCB/FB80C31/51
–5
0.5
1.2
1.2
1.2
12
16
24
33
MHz
MHz
MHz
MHz
tLHLL
1
ALE pulse width
2tCLCL–40
ns
tAVLL
1
Address valid to ALE low
tCLCL–25
ns
tLLAX
1
Address hold after ALE low
tCLCL–25
ns
tLLIV
1
ALE low to valid instruction in
4tCLCL–65
ns
tLLPL
1
ALE low to PSEN low
tCLCL–25
ns
tPLPH
1
PSEN pulse width
3tCLCL–45
ns
tPLIV
1
PSEN low to valid instruction in
3tCLCL–60
ns
tPXIX
1
Input instruction hold after PSEN
0
ns
tPXIZ
1
Input instruction float after PSEN
tCLCL–25
ns
tAVIV
1
Address to valid instruction in
5tCLCL–80
ns
tPLAZ
1
PSEN low to address float
10
ns
Data Memory
tRLRH
2, 3
RD pulse width
6tCLCL–100
ns
tWLWH
2, 3
WR pulse width
6tCLCL–100
ns
tRLDV
2, 3
RD low to valid data in
5tCLCL–90
ns
tRHDX
2, 3
Data hold after RD
0
ns
tRHDZ
2, 3
Data float after RD
2tCLCL–28
ns
tLLDV
2, 3
ALE low to valid data in
8tCLCL–150
ns
tAVDV
2, 3
Address to valid data in
9tCLCL–165
ns
tLLWL
2, 3
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
ns
tAVWL
2, 3
Address valid to WR low or RD low
4tCLCL–75
ns
tQVWX
2, 3
Data valid to WR transition
tCLCL–30
ns
tWHQX
2, 3
Data hold after WR
tCLCL–25
ns
tRLAZ
2, 3
RD low to address float
0
ns
tWHLH
2, 3
RD or WR high to ALE high
tCLCL–25
tCLCL+25
ns
External Clock
tCHCX
5
High time
15
ns
tCLCX
5
Low time
15
ns
tCLCH
5
Rise time
20
ns
tCHCL
5
Fall time
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. For all Philips speed versions only.
4. Interfacing the 80C31/51 to devices with float times up to 30ns is permitted. This limited bus contention will not cause damage to port 0
drivers.
5. VCC = 5V ±10% for 33MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com