| データシートサーチシステム |
|
SN250Q データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 130 page ![]() SN250 Functional description—application modules 67/130 INT_SC1FLAG [0x460C] 15 0-R 14 0-RW 13 0-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW 0 INT_ SC1PARERR INT_ SC1FRMERR INT_ SCTXULDB INT_ SCTXULDA INT_ SCRXULDB INT_ SCRXULDA INT_SCNAK INT_ SCCMDFIN INT_ SCTXFIN INT_ SCRXFIN INT_ SCTXUND INT_ SCRXOVF INT_ SCTXIDLE INT_ SCTXFREE INT_ SCRXVAL 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 INT_SC1PARERR [14] Parity error received (UART) interrupt pending. INT_SC1FRMERR [13] Frame error received (UART) interrupt pending. INT_SCTXULDB [12] DMA Tx buffer B unloaded interrupt pending. INT_SCTXULDA [11] DMA Tx buffer A unloaded interrupt pending. INT_SCRXULDB [10] DMA Rx buffer B unloaded interrupt pending. INT_SCRXULDA [9] DMA Rx buffer A unloaded interrupt pending. INT_SCNAK [8] Nack received (I2C) interrupt pending. INT_SCCMDFIN [7] START/STOP command complete (I2C) interrupt pending. INT_SCTXFIN [6] Transmit operation complete (I2C) interrupt pending. INT_SCRXFIN [5] Receive operation complete (I2C) interrupt pending. INT_SCTXUND [4] Transmit buffer underrun interrupt pending. INT_SCRXOVF [3] Receive buffer overrun interrupt pending. INT_SCTXIDLE [2] Transmitter idle interrupt pending. INT_SCTXFREE [1] Transmit buffer free interrupt pending. INT_SCRXVAL [0] Receive buffer has data interrupt pending. |