| データシートサーチシステム |
|
ICS94258 データシート(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS94258 データシート(HTML) 3 Page - Renesas Technology Corp |
|
3 / 20 page ![]() 3 ICS94258 Third party brands and names are the property of their respective owners. General Description Mode Pin - Power Management Input Control The ICS94258 is a main clock synthesizer chip for PIII based systems with ALI 1644 style chipset. This provides all clocks required for such a system. The ICS94258 belongs to ICS new generation of programmable system clock generators. It employs serial programming I2C interface as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring output to output skew, changing spread spectrum amount, changing group divider ratio and dis/enabling individual clocks. This device also has ICS propriety 'Watchdog Timer' technology which will reset the frequency to a safe setting if the system become unstable from over clocking. 8 1 n i P , E D O M ) t u p n I d e h c t a L ( 0 2 n i P5 2 n i P6 2 n i P7 2 n i P0 3 n i P 0 5 K L C I C P ) t u p t u O ( # D P ) t u p n I ( # P O T S _ U P C ) t u p n I ( # P O T S _ I C P ) t u p n I ( F _ I C P L E S ) t u p n I ( 1 # D P ) t u p n I ( 2 1 M A R D S ) t u p t u O ( 1 1 M A R D S ) t u p t u O ( 0 1 M A R D S ) t u p t u O ( 9 M A R D S ) t u p t u O ( |