| データシートサーチシステム |
|
ICS94258 データシート(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS94258 データシート(HTML) 16 Page - Renesas Technology Corp |
|
16 / 20 page ![]() 16 ICS94258 Third party brands and names are the property of their respective owners. PCI_STOP# Timing Diagram PCI_STOP# is an asynchronous input to the ICS94258. It is used to turn off the PCICLK clocks for low power operation. PCI_STOP# is synchronized by the ICS94258 internally. The minimum that the PCICLK clocks are enabled (PCI_STOP# high pulse) is at least 10 PCICLK clocks. PCICLK clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock. Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS94258 device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the ICS94258. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state. |