データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS55 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BAS55
部品情報  High-speed diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS55 データシート(HTML) 2 Page - NXP Semiconductors

  BAS55 Datasheet HTML 1Page - NXP Semiconductors BAS55 Datasheet HTML 2Page - NXP Semiconductors BAS55 Datasheet HTML 3Page - NXP Semiconductors BAS55 Datasheet HTML 4Page - NXP Semiconductors BAS55 Datasheet HTML 5Page - NXP Semiconductors BAS55 Datasheet HTML 6Page - NXP Semiconductors BAS55 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Sep 10
2
Philips Semiconductors
Product specification
High-speed diode
BAS55
FEATURES
• Small plastic SMD package
• High switching speed: max. 6 ns
• Continuous reverse voltage:
max. 60 V
• Repetitive peak reverse voltage:
max. 60 V
• Repetitive peak forward current:
max. 600 mA.
APPLICATIONS
• High-speed switching in surface
mounted circuits.
DESCRIPTION
The BAS55 is a high-speed switching
diode fabricated in planar technology,
and encapsulated in the small
rectangular plastic SMD SOT23
package.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT23) and symbol.
Marking code: L5p.
handbook, halfpage
21
3
MAM185
2
n.c.
1
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
60
V
VR
continuous reverse voltage
60
V
IF
continuous forward current
see Fig.2; note 1
250
mA
IFRM
repetitive peak forward current
600
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
9A
t = 100
µs
3A
t = 10 ms
1.7
A
Ptot
total power dissipation
Tamb =25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com