データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS55 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BAS55
部品情報  High-speed diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS55 データシート(HTML) 3 Page - NXP Semiconductors

  BAS55 Datasheet HTML 1Page - NXP Semiconductors BAS55 Datasheet HTML 2Page - NXP Semiconductors BAS55 Datasheet HTML 3Page - NXP Semiconductors BAS55 Datasheet HTML 4Page - NXP Semiconductors BAS55 Datasheet HTML 5Page - NXP Semiconductors BAS55 Datasheet HTML 6Page - NXP Semiconductors BAS55 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Sep 10
3
Philips Semiconductors
Product specification
High-speed diode
BAS55
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. Tamb =25 °C; device has reached the thermal equilibrium when mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3; IF = 200 mA; DC value;
note 1
1.0
V
IR
reverse current
see Fig.5
VR =60V
100
nA
VR =60V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
2.5
pF
trr
reverse recovery time
when switched from IF = 400 mA to
IR = 400 mA; RL = 100 Ω;
measured at IR = 40 mA; see Fig.7
6ns
Vfr
forward recovery voltage
when switched to IF = 400 mA;
tr = 30 ns; see Fig.8
2V
when switched to IF = 400 mA;
tr = 100 ns; see Fig.8
1.5
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
330
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com