| データシートサーチシステム |
|
ZAMC4100GA2R データシート(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R データシート(HTML) 8 Page - Renesas Technology Corp |
|
8 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 8 January 26, 2016 4.6.1. Timer Mode (MODETC = 0)........................................................................................................... 113 4.6.2. Counter Mode (MODETC = 1) ....................................................................................................... 113 4.6.3. TIMER Module Interrupt................................................................................................................. 113 4.6.4. TIMER Module Registers............................................................................................................... 113 4.7. SysTick................................................................................................................................................. 113 4.8. Master SPI Module............................................................................................................................... 114 4.8.1. Overview ........................................................................................................................................ 114 4.8.2. Setup Requirements for the Slave SPI of SBC.............................................................................. 114 4.8.3. SPI Data Transfer Process ............................................................................................................ 115 4.8.4. Continuous SPI Data Streaming .................................................................................................... 115 4.8.5. Abrupt SPI Discontinuity ................................................................................................................ 115 4.8.6. Interrupts and Status Flags in the Z1_SPISTAT Register ............................................................. 115 4.8.7. Syncing the Data Transfer Rate via a Software Pause.................................................................. 116 4.8.8. Master SPI Registers ..................................................................................................................... 116 4.9. SW-LIN Module .................................................................................................................................... 117 4.9.1. The Inactivity Timer........................................................................................................................ 117 4.9.2. The BREAK/SYNC Field Detector ................................................................................................. 118 4.9.3. SW-LIN Data Unit .......................................................................................................................... 118 4.9.4. Description of the Receive Operation ............................................................................................ 119 4.9.5. Description of Transmit Operation ................................................................................................. 120 4.9.6. General Remarks for SW-LIN Usage............................................................................................. 122 4.9.7. SW-LIN Registers .......................................................................................................................... 122 4.10. MCU Registers Description .................................................................................................................. 123 4.10.1. System Registers........................................................................................................................... 123 4.10.2. GPIO Registers.............................................................................................................................. 125 4.10.3. 32 Bit Timer Registers ................................................................................................................... 128 4.10.4. SPI Registers ................................................................................................................................. 130 4.10.5. SW-LIN Registers .......................................................................................................................... 132 4.10.6. FLASH Memory Registers ............................................................................................................. 136 5 ZAMC4100 Protection and Diagnostic Features......................................................................................... 140 5.1. Full-Time Diagnostic and Protection Features ..................................................................................... 140 5.1.1. Over-Current (OC) Protection ........................................................................................................ 140 5.1.2. Over-Load (OVL) Detection using the ADC ................................................................................... 140 5.1.3. Over-Temperature (OVT) Protection ............................................................................................. 141 5.1.4. Over-Voltage (OV) Detection ......................................................................................................... 141 5.1.5. Under-Voltage (UV) Detection ....................................................................................................... 141 5.1.6. Short to GND or Vbat Protection of Sensor Supply Pin S_P and Analog Input Pins AIN1 and AIN2 ............................................................................................................................................... 141 5.1.7. OSCL Output Clock Failure Detection ........................................................................................... 141 |