| データシートサーチシステム |
|
ZAMC4100GA2R データシート(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R データシート(HTML) 19 Page - Renesas Technology Corp |
|
19 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 19 January 26, 2016 HS2-4 (High-Side Switches) Switch-on resistance (at 27°C; VSUP=13.5V; IHS2,3,4=0.3A) RDSON_HS2,3,4 500 700 900 mΩ Over-current shut down IOC_HS2,3,4 0.35 0.45 0.55 A Leakage current ILEAKAGE_HS2,3,4 - <0.5 5 μA Current sense ratio CSR_HS2,3,4 47000 52500 58000 - HB1,2 (Half-Bridges) 1) Switch-on resistance (at 27°C; VSUP=13.5V; IHB1,2=1A) RDSON_HB1,2 150 240 330 mΩ Over-current shut down IOC_HB1,2 3.0 3.5 4.0 A Leakage current ILEAKAGE_HB1,2 - <0.5 10 μA Current sense ratio CSR_HB1,2 350000 385000 420000 - HB3,4 (Half-Bridges) 1) Switch-on resistance (at 27°C; VSUP=13.5V; IHB3,4=0.5A) RDSON_HB3,4 700 900 1100 mΩ Over-current shut down IOC_HB3,4 0.6 0.7 0.8 A Leakage current ILEAKAGE_HB3,4 - <0.5 7 μA Current sense ratio CSR_HB3,4 70000 76500 83000 - Open/Short Diagnostic Parameters (all HB and HS Drivers) Diagnostic current source/sink IHB1..4_CS, IHS1..4_CS 80 100 120 μA Open/short flag threshold level VOSF_DR 0.4 - 1.5 V 1) Parameters specified for both halves: high-side and low-side. Table 1.9 EC Driver Static Parameters Parameter Symbol Min. Typ. Max. Unit High-Side Over-current shut down IOC_EC_RES 0.4 - - A Leakage current ILEAKAGE_EC_RES - 0.1 7 μA Low-Side Switch-on resistance (at 27°C ; VSUP=13.5V; IEC_RES=0.1A) RDSON_EC_M 500 1000 1500 mΩ Over-current shut down IOC_EC_M 0.4 - - A Leakage current ILEAGAGE_EC_M - 5 10 μA |