| データシートサーチシステム |
|
HC705C9AGRS/D データシート(PDF) 143 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D データシート(HTML) 143 Page - NXP Semiconductors |
|
143 / 157 page ![]() General Release Specification Serial Peripheral Interface Timing MC68HC705C9A — Rev. 2.0 Electrical Specifications Figure 12-9. SPI Master Timing Diagram NOTE NOTE: SS pin of master held high. MSB IN SS (INPUT) SCK (CPOL = 0) (OUTPUT) SCK (CPOL = 1) (OUTPUT) MISO (INPUT) MOSI (OUTPUT) NOTE 4 5 5 1 13 12 4 12 13 BIT 6–1 LSB IN MASTER MSB OUT BIT 6–1 MASTER LSB OUT 10 (ref) 13 11 10 12 11 (ref) 7 6 NOTE NOTE: SS pin of master held high. MSB IN SS (INPUT) SCK (CPOL = 0) (OUTPUT) SCK (CPOL = 1) (OUTPUT) MISO (INPUT) MOSI (OUTPUT) NOTE 4 5 5 1 13 12 4 13 BIT 6–1 LSB IN MASTER MSB OUT BIT 6–1 MASTER LSB OUT 10 (ref) 13 11 10 12 11 7 6 12 a) SPI Master Timing (CPHA = 0) b) SPI Master Timing (CPHA = 1) 12 This first clock edge is generated internally, but is not seen at the SCK pin. This last clock edge is generated internally, but is not seen at the SCK pin. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |