| データシートサーチシステム |
|
HC705C9AGRS/D データシート(PDF) 145 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D データシート(HTML) 145 Page - NXP Semiconductors |
|
145 / 157 page ![]() MC68HC705C9A — Rev. 2.0 Mechanical Specifications General Release Specification — MC68HC705C9A Section 13. Mechanical Specifications 13.1 Contents 13.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .145 13.3 40-Pin Plastic Dual In-Line (DIP) Package (Case 711-03) . . .146 13.4 42-Pin Plastic Shrink Dual In-Line (SDIP) Package (Case 858-01). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .146 13.5 44-Lead Plastic Leaded Chip Carrier (PLCC) (Case 777-02). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .147 13.6 44-Lead Quad Flat Pack (QFP) (Case 824A-01) . . . . . . . . . .148 13.2 Introduction This section describes the dimensions of the plastic dual in-line package (DIP), plastic shrink dual in-line package (SDIP), plastic leaded chip carrier (PLCC), and quad flat pack (QFP) MCU packages. Package dimensions available at time of this publication are provided in this section. To make sure that you have the latest case outline specifications, contact one of the following: • Local Motorola Sales Office • Motorola Mfax – Phone 602-244-6609 – EMAIL rmfax0@email.sps.mot.com • Worldwide Web (wwweb) at http://design-net.com Follow Mfax or wwweb on-line instructions to retrieve the current mechanical specifications. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |