データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CEH2637A データシート(PDF) 1 Page - CET-MOS Technology Corp.

部品番号 CEH2637A
部品情報  Dual Enhancement Mode Field Effect Transistor (P Channel)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CET-MOS [CET-MOS Technology Corp.]
ホームページ  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEH2637A データシート(HTML) 1 Page - CET-MOS Technology Corp.

  CEH2637A Datasheet HTML 1Page - CET-MOS Technology Corp. CEH2637A Datasheet HTML 2Page - CET-MOS Technology Corp. CEH2637A Datasheet HTML 3Page - CET-MOS Technology Corp. CEH2637A Datasheet HTML 4Page - CET-MOS Technology Corp. CEH2637A Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
1
2
4
6
5
Dual Enhancement Mode Field Effect Transistor (P Channel)
CEH2637A
FEATURES
-20V, -3.3A, RDS(ON) = 65mW
@VGS = -4.5V.
RDS(ON) = 100mW @VGS = -2.5V.
High dense cell design for extremely low RDS(ON).
Rugged and reliable.
TSOP-6 package.
ABSOLUTE MAXIMUM RATINGS TA = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
-20
1.14
-13.2
-3.3
±12
V
W
A
A
V
1
TSOP-6
RoHS compliant.
http://www.cet-mos.com
Rev 1
2021.Nov
Details are subject to change without notice .
G1(1)
G2(3)
S1(5)
D1(6)
S2(2)
D2(4)
RDS(ON) = 150mW @VGS = -1.8V.
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
110
RqJA


同様の部品番号 - CEH2637A

メーカー部品番号データシート部品情報
logo
CET-MOS Technology Corp...
CEH2637 CET-MOS-CEH2637 Datasheet
523Kb / 4P
Dual Enhancement Mode Field Effect Transistor (P Channel)
Rev 1 2013.May
More results

同様の説明 - CEH2637A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com