| データシートサーチシステム |
|
MPC602EC/D データシート(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC602EC/D データシート(HTML) 17 Page - NXP Semiconductors |
|
17 / 26 page ![]() PowerPC 602 RISC Microprocessor Hardware Specifications 17 PLL_CFG0–PLL_CFG3 14,15,17,18 High Input QACK 142 Low Input QREQ 2 Low Output RESETO 73 Low Output SMI 8 Low Input SRESET 10 Low Input SYSCLK 16 — Input T32 13 Low Input TA 32 Low Input TBEN 1 High Input TBST (D53) 131 Low High I/O I/O TC0–TC1 (D62, D63) 115,112 High High Output I/O TCK 26 — Input TDI 24 High Input TDO 28 High Output TEA 34 Low Input TMS 25 High Input TRST 27 Low Input TSIZ0–TSIZ2 (D50–D52) (PFA18–PFA20) 136,134,132 High High High I/O I/O Output TS 36 Low I/O TT0–TT4 (D54–D58) 128, 127, 126, 123, 122 High High I/O I/O VDD 40, 48, 56, 64, 72, 109, 117, 125, 133, 141 High Input WT (D61) 116 Low High Output Note: These are test signals for factory use only and must be pulled up to VDD for normal machine operation. Table 10. PowerPC 602 Microprocessor Pinout Listing (Continued) Signal Name Pin Number Active I/O Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |