| データシートサーチシステム |
|
MPC604E9VEC/D データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC604E9VEC/D データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 30 page ![]() PID9v-604e Hardware Specifications 21 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 1.7.2 Mechanical Dimensions of the CBGA Package Figure 10 provides the mechanical dimensions and bottom surface nomenclature of the IBM and Motorola CBGA package. Figure 10. Mechanical Dimensions and Bottom Surface Nomenclature of the CBGA Package NOTES: 1. DIMENSIONINGANDTOLERANCINGPERASMEY14.5M,1994. 2. DIMENSIONS IN MILLIMETERS. 3. TOPSIDEA1CORNERINDEXISAMETALIZEDFEATUREWITH VARIOUS SHAPES. BOTTOM SIDE A1 CORNER IS DESIGNATED WITH A BALL MISSING FROM THE ARRAY. DIM MIN MAX MILLIMETERS A 2.65 3.20 A1 0.79 0.99 A2 1.10 1.30 b 0.82 0.93 D 21.00 BSC D1 5.00 16.00 e 1.27 BSC E 21.00 BSC E1 5.00 16.00 0.2 B C 255X D 2X A1 CORNER E e E1 D1 0.2 2X B A 123456789 10 11 12 13 14 15 16 A B C D E F G H J K L M N P R T e/2 A 0.3 C 0.15 b e/2 A A1 A2 C 0.15 C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |