| データシートサーチシステム |
|
EB632 データシート(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 データシート(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 90 Freescale Semiconductor Bootloader Program ; check if the finished bit (HF4)is set ,if it is set clear it ; and the sticky bit .( it means there was an error and ; the blocks are being loaded for the second time move.w HCR,d6 bmtsts.w #$8000,d6.l jf continue_loading_8 move.w HCR,d6 and #$6fff,d6.l move.w d6,HCR continue_loading_8 eor d5,d7 ;checksum is calculated on size move.l d5,d6 ;if (size == 0) it means the last block was loaded ;so goto end_of_loading tsteq d6 jt end_of_loading ;load the address jsr load_from_fifo move.l d5,r3 eor d5,d7 ;checksum is calculated on address load_loop_8 ;load data word jsr load_from_fifo move.l d5,(r3) ;add 4 bytes to the address adda #$4,r3 ;CALCULATE_CHECKSUM d7 = d7 ^ d5 eor d5,d7 ;subtract 2 words from the size sub #$2,d6 ;if ( size | = 0) go to load_loop_8 tsteq d6 jf load_loop_8 ;get the checksum into d7.l ;d2 = (0xffff0000 & d7)>>16 extractu #16,#16,d7,d2 ;d2 = d2 & 0x0000ffff and #$0000ffff,d2,d2 ;d7 = d7 & 0x0000ffff and #$0000ffff,d7,d7 ;d7 = d7 ^ d2 eor d2,d7 ;d2 = (~d7 & 0x0000ffff) = ~checksum not d7,d2 and #$0000ffff,d2,d2 ;load the checksum ,~checksum jsr load_from_fifo ;get ~checksum into d4 extractu #16,#16,d5,d4 ;delete the ~checksum from d4 |