| データシートサーチシステム |
|
EB632 データシート(PDF) 91 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 データシート(HTML) 91 Page - Freescale Semiconductor, Inc |
|
91 / 112 page ![]() Bootloader Program Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 Freescale Semiconductor 91 and #$0000ffff,d5,d5 ;if ( checksum_loaded |= Checksum_calculated ) goto set sticky bit cmpeq d5,d2 nop iff jsr set_sticky_bit ;if ( ~checksum_loaded |= ~Checksum_calculated ) goto set sticky bit ;clean d4.h and #$0000ffff,d4,d4 cmpeq d4,d7 ; d4,d7 contain checksum nop iff jsr set_sticky_bit ;goto load the next block jmp load_8bit end_of_loading_16 jsr load_from_fifo ;get the checksum into d7.l ;d2 = (0xffff0000 & d7)>>16 extractu #16,#16,d7,d2 ;d2 = d2 & 0x0000ffff and #$0000ffff,d2,d2 ;d7 = d7 & 0x0000ffff and #$0000ffff,d7,d7 ;d7 = d7 ^ d2 eor d2,d7 ;d2 = (~d7 & 0x0000ffff) = ~checksum not d7,d2 and #$0000ffff,d2,d2 ;get checksum into d4 extractu #16,#16,d5,d4 ;delete the checksum from d5 and #$0000ffff,d5,d5 ;if ( ~checksum_loaded |= ~Checksum_calculated ) goto set sticky bit cmpeq d5,d2 ;d5 and d2 contain ~checksum nop iff jsr set_sticky_bit ;clean d4.h and #$0000ffff,d4,d4 ;if ( checksum_loaded |= Checksum_calculated ) goto set sticky bit cmpeq d4,d7 nop iff jsr set_sticky_bit ;set HF4 bit in HCR to show that loading is finished move.w HCR,d6 or #$00008000,d6.l move.w d6,HCR ;check if the checksum bit is set ( HF3 in HSR (HSR[3] ) move.w HSR,d6 and #$00001000,d6,d6 |