| データシートサーチシステム |
|
321410103 データシート(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
321410103 データシート(HTML) 2 Page - ITT Industries |
|
2 / 8 page ![]() C&K 3 Series Thumbwheel Switches SERIES NUMBER OF SECTIONS FUNCTION CODE N Available Terminations: 0, 1, N See fig. 1, page N-12. Available Terminations: 1 See fig. 1, page N-12. See fig. 1, page N-12. Available Terminations: 0, 1, N 21 BCD 1-2-4-8; 10 POSITION 14 RESISTOR DECADE; 1-2-2-2-2 CODE (RESISTORS NOT SUPPLIED) 11 DECIMAL–1 POLE; 10 POSITION 9 More than 8 switch sections, specify on CONFIGURATION FORM, page N–15 and consult Customer Service Center. 1-8 Number of switch sections in assembly, includes endplates. 0 Switch section only, no assembly. Blank bodies are considered sections; endplates are not sections. Must be ordered with 09 or 19 mounting style options, see pages N–10 and N–11. 3 THUMBWHEEL SWITCHES NOTE: Endplates and blank sections available separately, see pages N–13 and N–14. NOTE: For terminal location diagram, see page N-12. N–9 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |