| データシートサーチシステム |
|
321410103 データシート(PDF) 7 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
321410103 データシート(HTML) 7 Page - ITT Industries |
|
7 / 8 page ![]() N–14 N C&K 3 Series Thumbwheel Switches AVAILABLE HARDWARE PART NO. 605A00000 PC 605A02000 SOLDER LUG Fits 0 & 1 terminations only. Terminal connector PART NO. 403500000 Nut Two nuts required per assembly and screws. Screws for field assembly of thumbwheel switches (2 screws needed per assembly + 403500000 nuts) 605A00000 605A02000 PART NO. 406100652 Nut driver (For 403500000 nut) 1–2 1–2 3–4 3 5–7 4–6 412700000 412701000 412702000 NUMBER OF SECTIONS IN ASSEMBLY FRONT MOUNTING REAR MOUNTING MTG. STYLE – 00 MTG. STYLE – 10 SCREW PART NUMBER (0-80 UNF THD. SIZE) Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |