データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS9DB102 データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 ICS9DB102
部品情報  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB102 データシート(HTML) 2 Page - Renesas Technology Corp

  ICS9DB102 Datasheet HTML 1Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q 08/27/13
ICS9DB102
Two Output Differential Buffer for PCIe Gen1 & Gen2
2
Pin Configuration
20-pin SSOP & TSSOP
VDD
GND
5,9,12,16
6,15
PCI Express Outputs
96
SMBUS
20
19
IREF
20
19
Analog VDD & GND for PLL core
Description
Pin Number
Power Groups
Pin Description
PLL_BW 1
20 VDDA
CLK_INT 2
19 GNDA
C LK_INC 3
18 IREF
vCLKREQ0# 4
17 vCLKREQ1#
VDD 5
16 VDD
GND 6
15 GND
PCIEXT0 7
14 PCIEXT1
PCIEXC0 8
13 PCIEXC1
VDD 9
12 VDD
SMBD AT 10
11 SMBCLK
Note: Pins preceeded by ' v ' have internal
120K ohm pull down resistors
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1PLL_BW
IN
3.3V input for selecting PLL Band Width
0 = low, 1= high
2
CLK_INT
IN
True Input for differential reference clock.
3
CLK_INC
IN
Complementary Input for differential reference clock.
4
v CLKREQ0#
IN
Output enable for PCI Expres s output pair 0.
0 = enabled, 1 =disabled
5
VDD
PWR
Power supply , nominal 3.3V
6
GND
PWR
Ground pin.
7
PCIEXT0
OUT
True clock of differential PCI_Express pair.
8
PCIEXC0
OUT
Complementary clock of differential PCI_Express pair.
9
VDD
PWR
Power supply , nominal 3.3V
10
SMBDAT
I/O
Data pin of SMBUS c ircuitry, 5V tolerant
11
SMBCLK
IN
Clock pin of SMBUS c ircuitry, 5V tolerant
12
VDD
PWR
Power supply , nominal 3.3V
13
PCIEXC1
OUT
Complementary clock of differential PCI_Express pair.
14
PCIEXT1
OUT
True clock of differential PCI_Express pair.
15
GND
PWR
Ground pin.
16
VDD
PWR
Power supply , nominal 3.3V
17
v CLKREQ1#
IN
Output enable for PCI Expres s output pair 1.
0 = enabled, 1 =disabled
18
IREF
OUT
This pin establishes the reference for the differential current-mode
output pairs. It requires a fix ed precision resistor to ground. 475ohm is
the standard value for 100ohm differential impedance. Other
impedanc es require different values. See data sheet.
19
GNDA
PWR
Ground pin for the PLL c ore.
20
VDDA
PWR
3.3V power for the PLL core.
Pins preceeded by ' v ' have internal 120K ohm pull down resistors
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com