| データシートサーチシステム |
|
ICS9LPRS502 データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS502 データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 30 page ![]() IDTTM/ICSTM 56-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor 1125E—02/26/09 Advance Information ICS9LPRS502 56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR 23 Byte 15 CK505 PLL1 Spread Spectrum Control Register Bit Pin Name Description Type Default 7 SSP7 RW X 6 SSP6 RW X 5 SSP5 RW X 4 SSP4 RW X 3 SSP3 RW X 2 SSP2 RW X 1 SSP1 RW X 0 SSP0 RW X Byte 16 CK505 PLL1 Spread Spectrum Control Register Bit Pin Name Description Type Default 7 Reserved Reserved RW 0 6 SSP14 RW x 5 SSP13 RW X 4 SSP12 RW X 3 SSP11 RW X 2 SSP10 RW X 1 SSP9 RW X 0 SSP8 RW X Byte 17 CK505 PLL3 M/N Programming Register Bit Pin Name Description Type Default 7 N Div8 N Divider 8 RW X 6 N Div9 N Divider 9 RW X 5 M Div5 RW X 4 M Div4 RW X 3 M Div3 RW X 2 M Div2 RW X 1 M Div1 RW X 0 M Div0 RW X Byte 18 CK505 PLL3 M/N Programming Register Bit Pin Name Description Type Default 7 N Div7 RW X 6 N Div6 RW X 5 N Div5 RW X 4 N Div4 RW X 3 N Div3 RW X 2 N Div2 RW X 1 N Div1 RW X 0 N Div0 RW X Byte 19 CK505 PLL3 Spread Spectrum Control Register Bit Pin Name Description Type Default 7 SSP7 RW X 6 SSP6 RW X 5 SSP5 RW X 4 SSP4 RW X 3 SSP3 RW X 2 SSP2 RW X 1 SSP1 RW X 0 SSP0 RW X 1 - - - - - - - - - - - - - - 01 - - - - - - - - - - - - - - - - 01 - - - - - - - - - - - - - - - - 0 - - - - - - - - - - - - - - - - - - 01 - - - - - - - - - - - - - - - 01 - The decimal representation of M and N Divider in Byte 17 and 18 will configure the VCO frequency. Default at power up = latch-in or Byte 0 Rom table. These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. The decimal representation of M and N Divider in Byte 17 and 18 will configure the VCO frequency. Default at power up = latch-in or Byte 0 Rom table. |