| データシートサーチシステム |
|
MPC821 データシート(PDF) 195 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 データシート(HTML) 195 Page - NXP Semiconductors |
|
195 / 242 page ![]() Support Information MOTOROLA MPC860TFADS Daughter Board Design Specification—Rev 0.1 19 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 5•1•2 P9 & U3 - Fast Ethernet Connector The 823FADSDB supports both types of connectors for fast ethernet RJ45 (P3) and fiber optic tran- ceiver (it is not mounted on the board) U3. The signals of P9 are described in TABLE 5-7. "P9 Inter- connect Signal" below: TABLE 5-6. P8 - Interconnect Signals Pin # Signal Name Pin # Signal Name 1 N.C. 2 N.C. 3 GND 4 N.C. 5 N.C. 6 N.C. 7 D0 8 D16 9 D1 10 D17 11 D2 12 D18 13 D3 14 D19 15 D4 16 D20 17 D5 18 D21 19 D6 20 D22 21 D7 22 D23 23 D8 24 D24 25 D9 26 D25 27 D10 28 D26 29 D11 30 D27 31 D12 32 D28 33 D13 34 D29 35 D14 36 D30 37 D15 38 D31 TABLE 5-7. P9 Interconnect Signal Pin No. Signal Name 1 TPO- 2 TPO+ 3 TPI+ 4 COMMON_O 5 COMMON_O 6 TPI- Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |