| データシートサーチシステム |
|
MPC821 データシート(PDF) 77 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 データシート(HTML) 77 Page - NXP Semiconductors |
|
77 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE VflsP0 PIN 38 istype 'com'; VflsP1 PIN 37 istype 'com'; VflsFrz~ PIN 13; " selectes between VFLS/FRZ from MPC "****************************************************************************** "* Mach to ADI data bus. * "****************************************************************************** PD7, PD6, PD5, PD4, PD3, PD2, PD1, PD0 PIN 66,60,67,59,58,57,56,55; "ADI data bus.(I/O) "****************************************************************************** "* Clock gen pins. * "****************************************************************************** DbgClk PIN 16; "Debug Clock input source. (IN) DbgClkOut PIN 33 istype 'com' ; " to be connected to IClk. (out) Clk2 PIN 14 istype 'reg, buffer'; "IClk divided by 2 (Out) " (Out for testing, may be node) IClk PIN 15; " Connected to Clkout externally (In) "****************************************************************************** "* Misc. "****************************************************************************** Run PIN 23 istype 'com'; "external indication ChinS~ PIN 12; " active (L) when chips is In socket "****************************************************************************** "* ### * "* # # # ##### ###### ##### # # ## # #### * "* # ## # # # # # ## # # # # # * "* # # # # # ##### # # # # # # # # #### * "* # # # # # # ##### # # # ###### # # * "* # # ## # # # # # ## # # # # # * Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |