| データシートサーチシステム |
|
MPC821 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 242 page ![]() General Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 1 - General Information 1•1 Introduction This document is an operation guide for the MPC8XXFADS board. It contains operational, functional and general information about the FADS. The MPC8XXFADS is meant to serve as a platform for s/ w and h/w development around the MPC8XX family processors. Using its on-board resources and its associated debugger, a developer is able to download his code, run it, set breakpoints, display memory and registers and connect his own proprietary h/w via the expansion connectors, to be in- corporated to a desired system with the MPC8XX processor. This board could also be used as a demonstration tool, i.e., application s/w may be burnedA into its flash memory and ran in exhibitions etc‘. 1•2 MPC8XX Family Support The MPC8XXFADS supports the following MPC8XX family members: t MPC801 t MPC821 t MPC823 t MPC850 t MPC860 t MPC860SAR t MPC860T 1•3 Abbreviations’ List • FADSB - the MPC8XXFADS, the subject of this document. • UPM - User Programmable Machine • GPCM - General Purpose Chip-select Machine • GPL - General Purpose Line (associated with the UPM) • I/R - Infra-Red • BCSR - Board Control & Status Register. • ZIF - Zero Input Force • BGA - Ball Grid Array • SIMM - Single In-line Memory Module 1•4 Related Documentation • MPC8XX User’s Manuals. • ADI Board Specification. A. Either on or off-board. B. Not to be mistaken for the M683XX Family Ads Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |