| データシートサーチシステム |
|
MPC821 データシート(PDF) 211 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 データシート(HTML) 211 Page - NXP Semiconductors |
|
211 / 242 page ![]() Support Information MOTOROLA MPC860TFADS Daughter Board Design Specification—Rev 0.1 35 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE a. Be aware that TRST~ is connected to GND with a zero ohm resistor. 138 N.C. 139 V3.3 140 N.C. TABLE 5-10. PM2 Interconnect Signals Pin No. Signal Name Attribute Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |