| データシートサーチシステム |
|
MPC821 データシート(PDF) 218 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 データシート(HTML) 218 Page - NXP Semiconductors |
|
218 / 242 page ![]() Support Information 42 MPC860TFADS Daughter Board Design Specification—Rev 0.1 MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 128 MODEMEN~ O, L Applies only for MPC823 daughter board. Enables the MPC821 Modem Tool as well as a multiplexer for data / voice signals on the MPC823 daughter board. See TABLE 4-23. “BCSR4 Description” on page 57. In the motherboard documentations. 129 N.C. 130 GND 131 N.C. 132 133 VCC 134 135 136 137 138 139 140 TABLE 5-11. PM3 Interconnect Signals Pin No. Signal Name Attribute Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |