| データシートサーチシステム |
|
VIPER20ADIP-E データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20ADIP-E データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 34 page ![]() Package mechanical data VIPer20A-E 30/34 Figure 32. Tape shipment Note: All dimensions are in mm. Table 15. Tape dimension Tape width W 24 Tape Hole Spacing P0 (± 0.1) 4 Component Spacing P 24 Hole Diameter D (± 0.1/-0) 1.5 Hole Diameter D1 (min) 1.5 Hole Position F (± 0.05) 11.5 Compartment Depth K (max) 6.5 Hole Spacing P1 (± 0.1) 2 |