| データシートサーチシステム |
|
BKA データシート(PDF) 18 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BKA データシート(HTML) 18 Page - ITT Industries |
|
18 / 19 page ![]() A R INC 600 R ack and Panel Connectors B K A D/E /F Cross Reference-Part Number/Customer-Use Drawing COMPONENT PART NUMBER CUSTOMER USE DRAWING NUMBER COMPONENT PART NUMBER CUSTOMER USE DRAWING NUMBER COMPONENT PART NUMBER CUSTOMER USE DRAWING NUMBER 030-1975-009 030-1975-010 030-2259-000 030-2273-000 030-2280-000 030-2286-000 030-2356-000 030-2357-000 030-2358-000 031-1113-009 031-1113-010 031-1287-000 031-1302-000 031-1303-000 031-1308-000 031-1351-000 031-1351-001 031-1351-002 031-1351-003 031-1352-000 031-1252-000 031-1252-002 031-1352-003 143-1908-000 143-1908-001 143-1909-000 143-1909-001 143-1910-000 143-1910-001 143-1911-000 143-1911-001 143-1912-000 143-1912-001 143-1913-000 143-1913-001 143-1958-000 143-1958-002 143-1960-000 143-1960-002 143-2015-000 143-2015-001 143-2016-000 143-2016-001 143-2065-000 143-2066-000 143-2067-000 143-2068-000 143-2085-000 143-2085-001 143-2086-000 143-2086-001 249-1521-002 249-1522-009 249-1522-010 249-1554-002 249-1604-003 249-1604-004 249-2201-000 249-2202-000 249-5027-013 249-5027-015 249-5027-016 320-0051-000 320-1066-000 320-1066-001 320-1066-002 320-1066-003 320-1066-004 320-1066-005 320-1066-006 249-1521-002 249-1522-010 249-1522-010 249-1554-002 249-1604-003 249-1604-004 249-1521-002 249-1522-010 249-5027-013 249-5027-007 249-5027-016 1250Y 320-000-305 025-1121-001 025-1122-001 025-1123-001 025-1124-001 025-1155-001 025-1156-001 025-1157-001 025-1158-001 025-0000-054 (Conductive Only) 025-0000-055 (Conductive Only) 225-0000-014 225-0094-000 225-0095-000 225-0096-000 225-0097-000 225-0098-000 225-0099-000 225-1058-000 225-0072-000 225-0090-000 225-1013-000 225-1014-000 225-1015-000 225-0000-006 225-0090-000 225-0000-008 143-0000-081 143-0000-077 143-0000-080 143-0000-079 143-0000-078 1247Y 143-0000-079 249-1521-000 249-1522-000 249-1522-002 249-1554-000 249-1604-000 249-1604-001 249-1604-002 249-1882-000 1250Y 249-5027-008 249-5027-017 249-5027-000 249-5027-007 349-0000-306 249-1521-000 249-1522-000 249-1522-002 249-1554-000 249-1604-000 249-1604-001 249-1604-002 249-1882-000 249-1882-002 249-1885-002 249-5027-008 249-5027-017 249-5123-000 249-5123-001 349-1053-000 349-1053-001 349-1053-002 349-1053-003 349-1053-004 3491053-005 349-1053-006 349-1053-007 349-1053-008 349-1053-009 030-1975-009 030-1975-010 030-2259-000 030-2273-000 030-2280-000 030-2286-000 030-2356-000 030-2357-000 030-2358-000 031-1113-009 031-1113-010 031-1287-000 031-1302-000 031-1303-000 031-1308-000 031-0000-343 031-0000-344 021-0144-000 021-0144-001 021-0144-002 021-0144-003 021-0144-004 021-0144-006 021-0144-008 021-0144-011 021-0144-000 021-0144-001 021-0144-002 021-0144-003 021-0144-004 021-0144-006 021-0144-008 021-0144-011 349-0013-000 349-0014-000 349-0015-000 349-0016-000 349-1003-000 349-1009-000 349-0000-000 349-0000-001 349-0000-002 349-0000-001 349-000-301 249-1767-000 249-1767-001 249-1768-000 249-2203-000 249-1767-000 249-1767-001 249-1768-000 249-2203-000 143-1906-000 143-1906-001 143-1907-001 143-1907-001 143-0000-079 Contacts Replacement Coax Termination Kit Dust Caps Filler Plugs Sealing Plugs Replacement Coax Body Assembly Size #1 Coax Contacts Size #5 Coax Contacts Size #12 Shielded Contact Replaceable Inserts For part numbers not listed, consult ITT Cannon for applicalbe customer-use drawing. www.ittcannon.com 19 Dimensions are shown in inches (millimeters). Dimensions subject to change. |